Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC378100QM Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC378100QM
Description  8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC378100QM Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC378100QM Datasheet HTML 1Page - Sanyo Semicon Device LC378100QM Datasheet HTML 2Page - Sanyo Semicon Device LC378100QM Datasheet HTML 3Page - Sanyo Semicon Device LC378100QM Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CE
OE
Output
Current drain
H
X
High-impedance
Standby mode
L
H
High-impedance
Operating mode
L
L
DOUT
Operating mode
No. 5611-2/4
LC378100QM, QT
Pin Assignments
Block Diagram
Truth Table
Pin Functions
A0 to A16
Address input
D0 to D7
Data output
CE
Chip enable input
OE
Output enable input
VCC
Power supply
VSS
Ground
X: H or L level should be offered.



Html Pages

1 2 3 4