| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8308 Fiches technique(PDF) 87 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308 Fiches technique(HTML) 87 Page - Freescale Semiconductor, Inc |
|
87 / 90 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 2 Freescale Semiconductor 87 Ordering Information 24.2 Part Marking Parts are marked as in the example shown in Figure 56. Figure 56. Freescale Part Marking for PBGA Devices Table 62 shows the SVR settings. Table 62. SVR Settings Device Package SVR MPC8308 MAPBGA 0x8101 _0110 Note: PVR = 8085_0020 for the device. MPCnnnnCVMADDA core/platform MHZ ATWLYYWW CCCCC PBGA *MMMMM YWWLAZ Notes: ATWLYYWW is the traceability code. CCCCC is the country code. MMMMM is the mask number. YWWLAZ is the assembly traceability code. |