| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5674F Fiches technique(PDF) 86 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5674F Fiches technique(HTML) 86 Page - Freescale Semiconductor, Inc |
|
86 / 132 page ![]() GPIO, IRQ, FlexRay 440 TCRCLKC_ GPIO4409 P —— — MH VDDEH7 —/Up —/Up B22 B26 F22 A1 —— — A2 —— — G GPIO440 GPIO I/O 441 ETPUC0_ GPIO4419 P —— — MH VDDEH7 —/WKPCFG —/WKPCFG C21 C25 C25 A1 —— — A2 —— — G GPIO441 GPIO I/O 442 ETPUC1_ GPIO4429 P —— — MH VDDEH7 —/WKPCFG —/WKPCFG D20 C26 C26 A1 —— — A2 —— — G GPIO442 GPIO I/O 443 ETPUC2_ GPIO4439 P —— — MH VDDEH7 —/WKPCFG —/WKPCFG D22 D25 D25 A1 —— — A2 —— — G GPIO443 GPIO I/O 444 ETPUC3_ GPIO4449 P —— — MH VDDEH7 —/WKPCFG —/WKPCFG D21 D26 D26 A1 —— — A2 —— — G GPIO444 GPIO I/O 445 ETPUC4_ GPIO4459 P —— — MH VDDEH7 —/WKPCFG —/WKPCFG E22 E24 E24 A1 —— — A2 —— — G GPIO445 GPIO I/O Table 43. Signal Properties and Muxing Summary (continued) Signal Name2 Function4 Function Summary State during RESET7 State after RESET8 Package Location |