Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD620CS Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SD620CS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD620CS Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SD620CS_09 Datasheet HTML 1Page - Pan Jit International Inc. SD620CS_09 Datasheet HTML 2Page - Pan Jit International Inc. SD620CS_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.27.2009
SD620CS~SD660CS
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
NO. OF CYCLE AT 60Hz
1
10
100
0
15
30
45
60
75
90
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
020406080
100
10
1.0
0.1
0.01
.001
T= 100 C
O
T= 75 C
O
T= 25 C
J
J
J
O
V
=20-40V
V
=50-60V
RRM
RRM
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.4
.5
.6
.7
.8
.9 1.0 1.1
50
0.1
10
1.0
.3
.2
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
50-60V
20-40V
=20-30V
=40-60V
CASE TEMPERATURE, C
O
Fig.2- MAXIMUM NON - REPETITIVE SURGE
CURRENT



Html Pages

1 2 3