| Moteur de recherche de fiches techniques de composants électroniques |
|
FMP3216DAX Fiches technique(PDF) 8 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
FMP3216DAX Fiches technique(HTML) 8 Page - FIDELIX |
|
8 / 11 page ![]() FMP3216DAx CMOS LPRAM WRITE CYCLE (1) (/WE controlled, /ZZ=VIH) tWC Address /CS /UB, /LB /WE tWC tCW(2) tWR(4) tAW tBW tWP(1) WRITE CYCLE (2) (/CS controlled, /ZZ=/WE=VIH) tWC Data Out tAS(3) High-Z High-Z Data Undefined Data Valid tDW tDH tOW tWHZ Data in Address /CS /UB, /LB /WE tWC tWR(4) tBW tWP(1) tDW tDH tCW(2) tAS(3) tAW Data Out High-Z High-Z Data Valid tDW tDH Data in WRITE CYCLE (3) (/UB, /LB controlled, /ZZ=VIH) Address tWC Address /CS /UB, /LB /WE tWR(4) tBW tWP(1) tDW tDH tCW(2) tAW tAS(3) 1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write ends at the earliest transition when /CS goes high and WE goes high. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the /CS going low to end of write. 3. tAS is measured from the address valid to the beginning of write. Data Out High-Z High-Z Data Valid Data in Revision 0.1 Jul. 2010 8 gg 4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high. 5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us. |