Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1841 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LB1841
Description  Low-Saturation Current-Controlled Forward/Reverse Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1841 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LB1841 Datasheet HTML 1Page - Sanyo Semicon Device LB1841 Datasheet HTML 2Page - Sanyo Semicon Device LB1841 Datasheet HTML 3Page - Sanyo Semicon Device LB1841 Datasheet HTML 4Page - Sanyo Semicon Device LB1841 Datasheet HTML 5Page - Sanyo Semicon Device LB1841 Datasheet HTML 6Page - Sanyo Semicon Device LB1841 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LB1841V
No. 4384-3/7
Pin Assignment
Truth Table
Bridge and VS circuits
Input
Output
Mode
IN1
IN2
OUT1
OUT2
VS
L
L
off
off
off
Standby
H
L
H
L
H
Forward rotation
L
H
L
H
H
Reverse rotation
H
H
L
L
off
Brake
Output current limiter and detection output
DEL
OUT output
RD
H
limit
L
Non-limit
off
L
Saturation
off
Note) • VM (motor power supply/sensing pin)
are both connected.
• P-GND (motor power supply GND pin)
are both connected.
• S-GND (control power supply ground
pin) is connected to microprocessor
ground.
Pd max – Ta
–20
0
20
40
60
80
100
800
600
400
200
0
1000
Ambient temperature, Ta –
°C
Specified substrate (50
×35×1.6 mm3, glass epoxy)
20
19
18
17
16
15
14
13
12
11
P-GND
OUT2
OUT2
LIR
SVR
DEL
IN2
IN1
RD
S-GND
1
2
3
4
5
6
7
8
9
10
P-GND
OUT1
OUT1
VM
VM
VS
PBC
VCC
Vref
NC
LB1841V
(Top view)



Html Pages

1 2 3 4 5 6 7