Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16HLP Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BAS16HLP
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HLP Fiches technique(HTML) 3 Page - Diodes Incorporated

  BAS16HLP Datasheet HTML 1Page - Diodes Incorporated BAS16HLP Datasheet HTML 2Page - Diodes Incorporated BAS16HLP Datasheet HTML 3Page - Diodes Incorporated BAS16HLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS16HLP
Document number: DS31740 Rev. 2 - 2
3 of 4
www.diodes.com
May 2009
© Diodes Incorporated
BAS16HLP
Ordering Information (Note 5)
Part Number
Case
Packaging
BAS16HLP-7
DFN1006-2
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
-
-
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G
0.3
X
0.7
Y
0.4
C
0.7
T9 = Product Type Marking Code
Dot Denotes Cathode Side
L
E
b
R
e
D
A1
A
Z
X
C
G
Y



Html Pages

1 2 3 4