| Moteur de recherche de fiches techniques de composants électroniques |
|
DPLS350Y-13 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DPLS350Y-13 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() Electrical Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Conditions OFF CHARACTERISTICS (Note 4) ⎯ ⎯ -100 nA VCB = -50V, IE = 0 Collector-Base Cutoff Current ICBO ⎯ ⎯ -50 μA VCB = -50V, IE = 0, TA = 150°C Emitter-Base Cutoff Current IEBO ⎯ ⎯ -100 nA VEB = -5V, IC = 0 Collector-Emitter Cutoff Current ICES ⎯ ⎯ -100 nA VCE = -50V, VBE = 0 Collector-Base Breakdown Voltage V(BR)CBO -50 ⎯ ⎯ V IC = -100μA Collector-Emitter Breakdown Voltage V(BR)CEO -50 ⎯ ⎯ V IC = -10mA Emitter-Base Breakdown Voltage V(BR)EBO -5 ⎯ ⎯ V IE = -100μA ON CHARACTERISTICS (Note 4) 200 ⎯ ⎯ VCE = -2V, IC = -0.1A 200 ⎯ ⎯ VCE = -2V, IC = -0.5A 200 ⎯ 450 VCE = -2V, IC = -1A 130 ⎯ ⎯ VCE = -2V, IC = -2A DC Current Gain hFE 80 ⎯ ⎯ ⎯ VCE = -2V, IC = -3A ⎯ ⎯ -90 IC = -0.5A, IB = -50mA ⎯ ⎯ -180 IC = -1A, IB = -50mA ⎯ ⎯ -320 IC = -2A, IB = -100mA ⎯ ⎯ -270 IC = -2A, IB = -200mA Collector-Emitter Saturation Voltage VCE(SAT) ⎯ ⎯ -390 mV IC = -3A, IB = -300mA Equivalent On-Resistance RCE(SAT) ⎯ 67 135 m Ω IE = -2A, IB = -200mA ⎯ ⎯ -1.1 V IC = -2A, IB = -100mA Base-Emitter Saturation Voltage VBE(SAT) ⎯ ⎯ -1.2 V IC = -3A, IB = -300mA Base-Emitter Turn-on Voltage VBE(ON) ⎯ ⎯ -1.1 V VCE = -2V, IC = -1A SMALL SIGNAL CHARACTERISTICS Transition Frequency fT 100 ⎯ ⎯ MHz VCE = -5V, IC = -100mA, f = 100MHz Output Capacitance Cobo ⎯ ⎯ 35 pF VCB = -10V, f = 1MHz Notes: 4. Measured under pulsed conditions. Pulse width = 300 μs. Duty cycle ≤2%. 0 0.2 0.4 0.6 0.8 1.0 1.2 0 25 50 75 100 125 150 175 T , AMBIENT TEMPERATURE (°C) Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3) A 01 2 3 4 -V , COLLECTOR-EMITTER VOLTAGE (V) CE 5 Fig. 2 Typical Collector Current vs.Collector-Emitter Voltage I = -2mA B I = -4mA B I = -6mA B I = -8mA B I = -10mA B DS31149 Rev. 4 - 2 2 of 4 www.diodes.com DPLS350Y © Diodes Incorporated |