Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMN2004DMK Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DMN2004DMK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004DMK Fiches technique(HTML) 2 Page - Diodes Incorporated

  DMN2004DMK Datasheet HTML 1Page - Diodes Incorporated DMN2004DMK Datasheet HTML 2Page - Diodes Incorporated DMN2004DMK Datasheet HTML 3Page - Diodes Incorporated DMN2004DMK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN2004DMK
0
0
12
3
4
5
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2
GS
Reverse Drain Current vs. Source-Drain Voltage
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage vs. Channel Temperature
ch
0.1
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance vs. Drain Current
D,
1
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance vs. Drain Current
D
6
DMN2004DMK
Document number: DS30937 Rev. 3 - 2
2 of 4
www.diodes.com
November 2007
© Diodes Incorporated



Html Pages

1 2 3 4