Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846AS Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BC846AS
Description  DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846AS Fiches technique(HTML) 2 Page - Diodes Incorporated

  BC846AS Datasheet HTML 1Page - Diodes Incorporated BC846AS Datasheet HTML 2Page - Diodes Incorporated BC846AS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30833 Rev. 7 - 2
2 of 3
www.diodes.com
BC846AS
© Diodes Incorporated
0
50
100
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
150
200
250
0
Fig. 1 Power Derating Curve (Note 2)
0
0.04
0.08
0.12
0.16
02
4
6
8
10
V
, COLLECTOR EMITTER VOLTAGE (V)
CE



Html Pages

1 2 3