Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV3004WS Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAV3004WS
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV3004WS Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAV3004WS Datasheet HTML 1Page - Diodes Incorporated BAV3004WS Datasheet HTML 2Page - Diodes Incorporated BAV3004WS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV3004WS
0
400
800
1,200
1,600
2,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 2 Typical Forward Characteristics
F
100
1.0
10
0.1
0.01
1,000
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
200
100
300
0
0
80
40
120
160
200
0
50
100
150
200
250
300
350
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
100
1.0
10
0.1
0.01
0.001
1,000
0.7
0.8
0.01
0.1
1.0
10
100
Fig. 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0.9
1.0
1.1
Ordering Information (Note 5)
BAV3004WS
Document number: DS30646 Rev. 4 - 2
2 of 3
www.diodes.com
March 2008
© Diodes Incorporated
Part Number
Case
Packaging
BAV3004WS-7
SOD-323
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
4P
4P = Product Type Marking Code



Html Pages

1 2 3