Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N7002VC Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce 2N7002VC
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002VC Fiches technique(HTML) 2 Page - Diodes Incorporated

  2N7002VC Datasheet HTML 1Page - Diodes Incorporated 2N7002VC Datasheet HTML 2Page - Diodes Incorporated 2N7002VC Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7002VC/VAC
2N7002VC/VAC
Document number: DS30639 Rev. 5 - 2
2 of 3
www.diodes.com
October 2007
© Diodes Incorporated
-50
050
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Derating Curve - Total
A
°
Ordering Information (Note 6)
Part Number
Case
Packaging
2N7002VC-7
SOT-563
3000/Tape & Reel
2N7002VAC-7
SOT-563
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
ASK YM
S
1
D
2
G
1
D
1
S
2
G
2
AYK = 2N7002VAC Product Type
Marking Code (See Note 1)
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
ASK = 2N7002VC Product Type
Marking Code (See Note 1)
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
AYK YM
S
1
D
2
G
1
D
1
S
2
G
2
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
M
L
B C
H
K
G
D
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.20
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.55
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.11
All Dimensions in mm



Html Pages

1 2 3