Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40LP Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAS40LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40LP Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAS40LP_08 Datasheet HTML 1Page - Diodes Incorporated BAS40LP_08 Datasheet HTML 2Page - Diodes Incorporated BAS40LP_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS40LP
0.1
1
10
100
1,000
10,000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Voltage
F
0
50
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 3 Power Derating Curve
A
150
200
250
300
Ordering Information (Note 4)
Part Number
Case
Packaging
BAS40LP-7
DFN1006-2
3000/Tape & Reel
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
43 = Product Type Marking Code
Dot Denotes Cathode Side
BAS40LP
Document number: DS30503 Rev. 11 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated



Html Pages

1 2 3