| Moteur de recherche de fiches techniques de composants électroniques |
|
B0520WS-7-F Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
B0520WS-7-F Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() B0520WS 0.001 0.1 0.01 100 1,000 10,000 0 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics R 10 20 10 1 0.1 1 10 0.01 0.001 0 1.0 0.6 0.8 0.4 0.2 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics F 0 70 50 60 40 30 20 10 0 10 15 52 B0520WS Document number: DS30235 Rev. 12 - 2 2 of 3 www.diodes.com June 2008 © Diodes Incorporated 0 V , DC REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs. Reverse Voltage R 0 0.25 0.50 050 100 150 T , TERMINAL TEMPERATURE ( C) Fig. 4 Forward Current Derating Curve T ° 0.75 1.0 25 75 125 Ordering Information (Note 5) Part Number Case Packaging B0520WS-7-F SOD-323 3000/Tape & Reel Notes: 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information SD SD = Product Type Marking Code |