| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L101F2T3TR Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T3TR Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 81 page ![]() Memory and register map STM8L101xx 26/81 Doc ID 15275 Rev 11 0x00 50E0 IWDG IWDG_KR IWDG key register 0xXX 0x00 50E1 IWDG_PR IWDG prescaler register 0x00 0x00 50E2 IWDG_RLR IWDG reload register 0xFF 0x00 50E3 to 0x00 50EF Reserved area (13 bytes) 0x00 50F0 AWU AWU_CSR AWU control/status register 0x00 0x00 50F1 AWU_APR AWU asynchronous prescaler buffer register 0x3F 0x00 50F2 AWU_TBR AWU timebase selection register 0x00 0x00 50F3 BEEP BEEP_CSR BEEP control/status register 0x1F 0x00 50F4 to 0x00 51FF Reserved area (268 bytes) 0x00 5200 SPI SPI_CR1 SPI control register 1 0x00 0x00 5201 SPI_CR2 SPI control register 2 0x00 0x00 5202 SPI_ICR SPI interrupt control register 0x00 0x00 5203 SPI_SR SPI status register 0x02 0x00 5204 SPI_DR SPI data register 0x00 0x00 5205 to 0x00 520F Reserved area (11 bytes) 0x00 5210 I2C I2C_CR1 I2C control register 1 0x00 0x00 5211 I2C_CR2 I2C control register 2 0x00 0x00 5212 I2C_FREQR I2C frequency register 0x00 0x00 5213 I2C_OARL I2C own address register low 0x00 0x00 5214 I2C_OARH I2C own address register high 0x00 0x00 5215 Reserved area (1 byte) 0x00 5216 I2C_DR I2C data register 0x00 0x00 5217 I2C_SR1 I2C status register 1 0x00 0x00 5218 I2C_SR2 I2C status register 2 0x00 0x00 5219 I2C_SR3 I2C status register 3 0x00 0x00 521A I2C_ITR I2C interrupt control register 0x00 0x00 521B I2C_CCRL I2C Clock control register low 0x00 0x00 521C I2C_CCRH I2C Clock control register high 0x00 0x00 521D I2C_TRISER I2C TRISE register 0x02 Table 7. General hardware register map (continued) Address Block Register label Register name Reset status |