Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L101F1P6ATR Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 73Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 74Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 75Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 76Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 77Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 78Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 79Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 80Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
STM8L101xx
Revision history
Doc ID 15275 Rev 11
79/81
29-Nov-2009
8
Modified status of the document (datasheet instead of preliminary
data)
Replaced WFQFPN32 with UFQFPN32 and WFQFPN28 with
UFQFPN28.
Modified title of the reference manual mentioned in Section 2:
Description on page 7
Added references to “low-density” in Section 2: Description on
page 7, Section 3.5: Memory on page 11 and in Figure 8: Memory
map on page 23
Modified Figure 8: Memory map on page 23 (unique ID are added)
Table 7: General hardware register map on page 25: Modified
reserved areas and IR block replaced with IRTIM block
Modified tTEMP in Table 17: Operating conditions at power-up /
power-down on page 41
Modified Table 23: LSI oscillator characteristics on page 47
Modified Table 25: Flash program memory on page 49 (tPROG)
Modified Table 16: General operating conditions on page 40 and
Table 38: Thermal characteristics on page 65
Modified Section 10: Package characteristics on page 66
18-Jun-2010
9
Modified Introduction and Description
Modified one reserved area (0x00 5055 to 0x00 509F) in Table 7:
General hardware register map on page 25
ModifiedTable 4: STM8L101xx pin description on page 20: modified
note 2 and removed “wpu” for PC0 and PC1
Removed one note to Table 22: HSI oscillator characteristics on
page 46
Modified first paragraph in Section : NRST pin on page 55
Modified OPT3 description in Table 11: Option byte description on
page 34
Added note 5 to Table 18: Total current consumption in Run mode on
page 42
Modified VESD(CDM) in Table 36: ESD absolute maximum ratings on
page 63
Modified Figure 36: Typical application with I2C bus and timing
diagram 1) on page 61
Modified COMP_REF availability information in Figure 47:
STM8L101xx ordering information scheme on page 73
Modified Section 12.2: Software tools on page 75
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81