Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L152C4Y3 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM8L152C4Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4Y3 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM8L152C4Y3 Datasheet HTML 20Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 21Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 22Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 23Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 24Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 25Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 26Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 27Page - STMicroelectronics STM8L152C4Y3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 122 page
background image
Pin description
STM8L151xx, STM8L152xx
24/122
Doc ID 15962 Rev 5
4
Pin description
Figure 3.
STM8L151Gx UFQFPN 28 package pinout
Figure 4.
STM8L151Gx WLCSP28 package pinout
PA5
VSS1/VSSA/VREF-
VDD1/VDDA/VREF+
NRST/PA1
PA2
PA4
PB6
PB5
PB4
PB3
PC0
PD4
PB7
2
1
3
4
5
6
7
9
810
11
12
13
14
20
21
19
18
17
16
15
27
28
26
25
24
23
22
PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More