| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L101F1T3ATR Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F1T3ATR Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 81 page ![]() STM8L101xx Pin description Doc ID 15275 Rev 11 21/81 7 7 10 12 12 13 PB0/TIM2_CH1/ COMP1_CH1 (3) I/O X(3) X(3) XHS X X Port B0 Timer 2 - channel 1 / Comparator 1 - channel 1 8 8 11 13 13 14 PB1/TIM3_CH1/ COMP1_CH2 I/O X XX HS X X Port B1 Timer 3 - channel 1 / Comparator 1 - channel 2 9 9 12 14 14 15 PB2/ TIM2_CH2/ COMP2_CH1/ I/O X XX HS X X Port B2 Timer 2 - channel 2 / Comparator 2 - channel 1 10 10 13 15 15 16 PB3/TIM2_TRIG/ COMP2_CH2 I/O X XX HS X X Port B3 Timer 2 - trigger / Comparator 2 - channel 2 11 11 14 16 16 17 PB4/SPI_NSS(3) I/O X(3) X(3) XHS X X Port B4 SPI master/slave select 12 12 15 17 17 18 PB5/SPI_SCK I/O X XX HS X X Port B5 SPI clock 13 13 16 18 18 19 PB6/SPI_MOSI I/O X XX HS X X Port B6 SPI master out/ slave in 14 14 17 19 19 20 PB7/SPI_MISO I/O X XX HS X X Port B7 SPI master in/ slave out - - - 2020 21PD4 I/O X XX HS X X Port D4 - - --- 22 PD5 I/O X XX HS X X Port D5 - - --- 23 PD6 I/O X XX HS X X Port D6 - - --- 24 PD7 I/O X XX HS X X Port D7 15 15 18 21 21 25 PC0/I2C_SDA I/O X XT(4) Port C0 I2C data 16 16 19 22 22 26 PC1/I2C_SCL I/O X XT(4) Port C1 I2C clock 17 17 20 23 23 27 PC2/USART_RX I/O X XX HS X X Port C2 USART receive 18 18 1 24 24 28 PC3/USART_TX I/O X XX HS X X Port C3 USART transmit 19 19 2 25 25 29 PC4/USART_CK/ CCO I/O X XX HS X X Port C4 USART synchronous clock / Configurable clock output - - - 2626 30PC5 I/O X XX HS X X Port C5 Table 4. STM8L101xx pin description (continued) Pin number Pin name Input Output Alternate function |