| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L101 Fiches technique(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101 Fiches technique(HTML) 68 Page - STMicroelectronics |
|
68 / 81 page ![]() Package characteristics STM8L101xx 68/81 Doc ID 15275 Rev 11 L 0.30 0.40 0.50 0.0118 0.0157 0.0197 ddd 0.08 0.0031 Number of pins N32 1. Values in inches are converted from mm and rounded to 4 decimal digits. Table 39. UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-lead package (5 x 5), package mechanical data (continued) Dim. mm inches(1) Min Typ Max Min Typ Max |