| Moteur de recherche de fiches techniques de composants électroniques |
|
BAV70 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAV70 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() BAV70 0 50 100 150 200 250 25 0 50 75 100 125 150 T , AMBIENT TEMPERATURE ( C) A ° Fig. 1 Power Derating Curve, Total Package 300 350 Note 1 0.1 1 0.01 0.001 0 1.0 0.5 1.5 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, Per Element F 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics, Per Element R 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 V , DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage, Per Element R Ordering Information (Note 5) Part Number Case Packaging BAV70-7-F SOT-23 3000/Tape & Reel Notes: 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information BAV70 Document number: DS12006 Rev. 17 - 2 2 of 3 www.diodes.com May 2008 © Diodes Incorporated KJJ KJJ = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September Date Code Key Year 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 Code L M N P R S T U V W X Y Z Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D |