Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX829P4 Fiches technique(PDF) 6 Page - CML Microcircuits

No de pièce FX829P4
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829P4 Fiches technique(HTML) 6 Page - CML Microcircuits

Back Button FX829P4 Datasheet HTML 2Page - CML Microcircuits FX829P4 Datasheet HTML 3Page - CML Microcircuits FX829P4 Datasheet HTML 4Page - CML Microcircuits FX829P4 Datasheet HTML 5Page - CML Microcircuits FX829P4 Datasheet HTML 6Page - CML Microcircuits FX829P4 Datasheet HTML 7Page - CML Microcircuits FX829P4 Datasheet HTML 8Page - CML Microcircuits FX829P4 Datasheet HTML 9Page - CML Microcircuits FX829P4 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
6
D/829/4
1.3
Signal List (continued)
Package
D2/D5
Signal
Description
Pin No.
Name
Type
23
MOD2
O/P
Output of MOD2 audio gain control.
24
VDD
Power
The positive supply rail. Levels and voltages are
dependent upon this supply. This pin should be
decoupled to VSS by a capacitor.
Notes: I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34