| Moteur de recherche de fiches techniques de composants électroniques |
|
FX828 Fiches technique(PDF) 22 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX828 Fiches technique(HTML) 22 Page - CML Microcircuits |
|
22 / 34 page ![]() CTCSS/DCS/SELCALL Processor FX828 © 2009 CML Microsystems Plc 22 D/828/4 1.6.6 General Purpose Timer (GPT) This may be used in conjunction with the CTCSS/Selcall decoder to form part of the decode algorithm or as a timer for any other purpose. It has an 8-bit value in the GENERAL PURPOSE TIMER Register ($8B) set in units of 1msec, an IRQ FLAG in Bit 6 of the IRQ FLAG Register ($8F) and an IRQ MASK in Bit 6 of the IRQ MASK Register ($8E). 1.6.7 Full Duplex Modes The only functions that must operate as half duplex are: DCS Tx or DCS Rx DCS Tx or CTCSS Tx CTCSS decode or SELCALL decode All other functions are totally independent and therefore a full duplex CTCSS or full duplex SELCALL along with many other combinations are possible. |