Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX818D2 Fiches technique(PDF) 2 Page - CML Microcircuits

No de pièce FX818D2
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818D2 Fiches technique(HTML) 2 Page - CML Microcircuits

  FX818D2 Datasheet HTML 1Page - CML Microcircuits FX818D2 Datasheet HTML 2Page - CML Microcircuits FX818D2 Datasheet HTML 3Page - CML Microcircuits FX818D2 Datasheet HTML 4Page - CML Microcircuits FX818D2 Datasheet HTML 5Page - CML Microcircuits FX818D2 Datasheet HTML 6Page - CML Microcircuits FX818D2 Datasheet HTML 7Page - CML Microcircuits FX818D2 Datasheet HTML 8Page - CML Microcircuits FX818D2 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
2
D/818/4
CONTENTS
Section
Page
1.0 Features .......................................................................................................... 1
1.2 Block Diagram ................................................................................................ 3
1.3 Signal List ....................................................................................................... 4
1.3 Signal List ....................................................................................................... 4
1.4 External Components .................................................................................... 6
1.4 External Components .................................................................................... 6
1.5 General Description ....................................................................................... 7
1.5.1 Software Description ..................................................................... 7
1.6 Application Notes......................................................................................... 18
1.6.1 General .......................................................................................... 18
1.6.2 Transmitter ................................................................................... 18
1.6.3 Receiver (Decode) ........................................................................ 18
1.6.4 Receiver (Fast Detect) ................................................................. 19
1.6.5 General Purpose Timer................................................................ 19
1.6.6 Tx / Fast Rx Tone Table ............................................................... 19
1.6.7 Rx Program Tone Table............................................................... 20
1.7 Performance Specification .......................................................................... 21
1.7.1 Electrical Performance ................................................................ 21
1.7.2 Packaging ..................................................................................... 26
Note:
As this product is still in development, it is likely that a number of changes and additions will be made to
this specification. Items marked TBD or left blank will be included in later issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26