Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX663 Fiches technique(PDF) 16 Page - CML Microcircuits

No de pièce FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Fiches technique(HTML) 16 Page - CML Microcircuits

Back Button FX663 Datasheet HTML 9Page - CML Microcircuits FX663 Datasheet HTML 10Page - CML Microcircuits FX663 Datasheet HTML 11Page - CML Microcircuits FX663 Datasheet HTML 12Page - CML Microcircuits FX663 Datasheet HTML 13Page - CML Microcircuits FX663 Datasheet HTML 14Page - CML Microcircuits FX663 Datasheet HTML 15Page - CML Microcircuits FX663 Datasheet HTML 16Page - CML Microcircuits FX663 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Call Progress Decoder
FX663
Handling precautions: This product includes input protection, however, precautions should be taken to
prevent device damage from electro-static discharge. CML does not assume any responsibility for the
use of any circuitry described. No IPR or circuit patent licences are implied. CML reserves the right at
any time without notice to change the said circuitry and this product specification. CML has a policy of
testing every product shipped using calibrated test equipment to ensure compliance with this product
specification. Specific testing of all circuit parameters is not necessarily performed.
CONSUMER MICROCIRCUITS LIMITED
1 WHEATON ROAD
Telephone:
+44 1376 513833
WITHAM - ESSEX
Telefax:
+44 1376 518247
CM8 3TD - ENGLAND
e-mail:
sales@cmlmicro.co.uk
http://www.cmlmicro.co.uk
1.7.2
Packaging
Figure 9 D4 Mechanical Outline: Order as part no. FX663D4
Figure 10 P3 Mechanical Outline: Order as part no. FX663P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17