Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX602P3 Fiches technique(PDF) 28 Page - CML Microcircuits

No de pièce FX602P3
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602P3 Fiches technique(HTML) 28 Page - CML Microcircuits

Back Button FX602P3 Datasheet HTML 21Page - CML Microcircuits FX602P3 Datasheet HTML 22Page - CML Microcircuits FX602P3 Datasheet HTML 23Page - CML Microcircuits FX602P3 Datasheet HTML 24Page - CML Microcircuits FX602P3 Datasheet HTML 25Page - CML Microcircuits FX602P3 Datasheet HTML 26Page - CML Microcircuits FX602P3 Datasheet HTML 27Page - CML Microcircuits FX602P3 Datasheet HTML 28Page - CML Microcircuits FX602P3 Datasheet HTML 29Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Calling Line Identifier
FX602
Handling precautions: This product includes input protection, however, precautions should be taken to prevent
device damage from electro-static discharge. CML does not assume any responsibility for the use of any
circuitry described. No IPR or circuit patent licences are implied. CML reserves the right at any time without
notice to change the said circuitry and this product specification. CML has a policy of testing every product
shipped using calibrated test equipment to ensure compliance with this product specification. Specific testing
of all circuit parameters is not necessarily performed.
CONSUMER MICROCIRCUITS LIMITED
1 WHEATON ROAD
Telephone:
+44 1376 513833
WITHAM - ESSEX CM8 3TD - ENGLAND
Telefax:
+44 1376 518247
1.7.2
Packaging
Figure 12 : 16-pin SOIC (D4) Mechanical Outline: Order as part no. FX602D4
Figure 13 : 16-pin DIL (P3) Mechanical Outline: Order as part no. FX602P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29