Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX489P Fiches technique(PDF) 12 Page - CML Microcircuits

No de pièce FX489P
Description  GMSK Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX489P Fiches technique(HTML) 12 Page - CML Microcircuits

Back Button FX489P Datasheet HTML 4Page - CML Microcircuits FX489P Datasheet HTML 5Page - CML Microcircuits FX489P Datasheet HTML 6Page - CML Microcircuits FX489P Datasheet HTML 7Page - CML Microcircuits FX489P Datasheet HTML 8Page - CML Microcircuits FX489P Datasheet HTML 9Page - CML Microcircuits FX489P Datasheet HTML 10Page - CML Microcircuits FX489P Datasheet HTML 11Page - CML Microcircuits FX489P Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Package Outlines
The FX489DW, the Small Outline Integrated Circuit
(S.O.I.C.) package is shown in Figure 12 and the 'P'
plastic version in Figure 13.
Pin 1 identification marking is shown on the relevant
diagram and pins on both package styles number anti-
clockwise when viewed from the top (marked side).
Handling Precautions
The FX489 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
Fig.13 FX489P 24-pin plastic Package
Fig.12 FX489DW 24-pin S.O.I.C. Package
Ordering Information
FX489DW
24-pin plastic S.O.I.C.
FX489P
24-pin plastic DIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12