Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX009ALG Fiches technique(PDF) 1 Page - CML Microcircuits

No de pièce FX009ALG
Description  Low-Noise Digitally Controlled Amplifier Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CMLMICRO [CML Microcircuits]
Site Internet  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX009ALG Fiches technique(HTML) 1 Page - CML Microcircuits

  FX009ALG Datasheet HTML 1Page - CML Microcircuits FX009ALG Datasheet HTML 2Page - CML Microcircuits FX009ALG Datasheet HTML 3Page - CML Microcircuits FX009ALG Datasheet HTML 4Page - CML Microcircuits FX009ALG Datasheet HTML 5Page - CML Microcircuits FX009ALG Datasheet HTML 6Page - CML Microcircuits FX009ALG Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CML Semiconductor Products
PRODUCT INFORMATION
FX009A
Features/Applications
8 Digitally Controlled Low-Noise
Amplifiers
15 Gain/Attenuation Steps
7 Trimmers, with a
± 3dB Range in
0.43dB Steps
1 'Volume' Trimmer, with a
± 14dB
Range in 2.0dB Steps
Brief Description
This product replaces the need for manual trimming of
audible signals by using the host microprocessor to
digitally control the set-up of all audio levels.
Applications include:
(i) Control, adjustment and set-up of communications
equipment by an Intelligent ATE without manual
intervention – eg. Deviation, Microphone and L/S
Level, Rx Audio Level etc.
(ii) Automatic Dynamic Compensation of drift caused
by variations in temperature, linearity, etc.
(iii)Fully automated servicing and re-alignment.
The FX009A is a low-power, single 5-volt CMOS
device available in both 24-pin DIL and SMD package
versions.
The FX009A Digitally Adjustable Amplifier Array is
intended to replace trimmer potentiometers and volume
controls in Cellular, PMR, Telephony and
Communications applications where d.c., voice or data
signals need adjustment.
The FX009A is a low-noise single-chip LSI consisting
eight digitally controlled amplifier stages, each with 15
distinct gain/attenuation steps. Control of each
individual amplifier is by an 8-bit serial data stream.
Seven of the amplifier stages offer a +/-3dB range in
steps of 0.43dB, whilst the remaining amplifier offers a
+/-14dB range in steps of 2dB, and is intended for
volume control applications. Each amplifier includes a
16th 'Mute' state which sets the output to bias (V
DD/2)
and powersaves the entire section. Minimum current
drain may be achieved by muting all eight sections.
Publication D/009A/3 July 1994
Low-Noise Digitally Controlled
Amplifier Array
8-Bit Serial Data Control
Output Mute/Powersave Function
Audio and Data Gain Control
Applications
Cellular, PMR, PABX Applications
FX009A
Fig.1 Functional Block Diagram
8 - BIT
SERIAL DATA INPUT
AND
LINE DECODERS
12
345
67
8
SERIAL DATA INPUT
LOAD/LATCH
1
2
3
4
8
7
6
16-LINE STEP CONTROLS TO AMPLIFIERS 1 to 8
5
43
2
1
5
6
7
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch7
Ch8
V
DD
V
BIAS
CONTROLLED AUDIO OUTPUT LINES
8 - VOLUME
SERIAL CLOCK INPUT
LOAD/LATCH
V
SS
*
OUTPUT MUTE - POWERSAVE
*
*
*
*
*
*
*
V
BIAS
V
BIAS
V
BIAS
V
BIAS
V
BIAS
V
BIAS
V
BIAS
V
BIAS
16


Numéro de pièce similaire - FX009ALG

FabricantNo de pièceFiches techniqueDescription
logo
CML Microcircuits
FX009 CMLMICRO-FX009 Datasheet
294Kb / 6P
Digitally Controlled Amplifier Array
FX009J CMLMICRO-FX009J Datasheet
294Kb / 6P
Digitally Controlled Amplifier Array
FX009LG CMLMICRO-FX009LG Datasheet
294Kb / 6P
Digitally Controlled Amplifier Array
FX009LS CMLMICRO-FX009LS Datasheet
294Kb / 6P
Digitally Controlled Amplifier Array
More results

Description similaire - FX009ALG

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
Digitally Controlled Programmable-Gain Amplifier
logo
CML Microcircuits
FX009 CMLMICRO-FX009 Datasheet
294Kb / 6P
Digitally Controlled Amplifier Array
MX009 CMLMICRO-MX009 Datasheet
477Kb / 8P
OCTAL DIGITALLY CONTROLLED AMPLIFIER ARRAY
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
ISL90841 RENESAS-ISL90841 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C
X9015 RENESAS-X9015 Datasheet
573Kb / 12P
Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7