| Moteur de recherche de fiches techniques de composants électroniques |
|
EV8000 Fiches technique(PDF) 19 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV8000 Fiches technique(HTML) 19 Page - CML Microcircuits |
|
19 / 35 page ![]() Evaluation Kit User Manual for FX828 and FX829 EV8000 © 2004 CML Microsystems Plc 19 UM8000/4 1.6.3.9 Menubars The main application menubar which resides at the top of the main window contains five pulldown menus. This menubar is available for use until a device form is opened. Whenever a device form is active a form menubar resides at the top of the main window. This form menubar is currently the same for all devices and is similar to the main menubar except for an additional pulldown menu called Local (disabled in Version 1.0) and three additional Global pulldown menu commands called General Reset, BER Test and Demo1 (disabled in Version 1.0). The pulldown menus from the form menubar are illustrated below. Setup Pulldown Menu This menu allows the user to open the Add Device pop-up window, initialise the RS232 communications link to the µC board and reset the µC board. Global Pulldown Menu This menu allows the user to open the Direct C-BUS Control pop-up window, perform a General Reset and open the BER Test pop-up window. View Pulldown Menu This menu allows the user to turn the Toolbar and Statusbar on or off. Window Pulldown Menu This menu allows the user to rearrange iconised or opened device forms and to switch between the device forms. Help Pulldown Menu This menu allows the user to open the About ES8000 pop-up window which displays program information and version number. |