| Moteur de recherche de fiches techniques de composants électroniques |
|
IC-MPEVALMP1D Fiches technique(PDF) 20 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
IC-MPEVALMP1D Fiches technique(HTML) 20 Page - IC-Haus GmbH |
|
20 / 22 page ![]() iC-MP 8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT Rev B1, Page 20/22 APPLICATION CIRCUITS Stand-alone example Figure 19: Circuit for stand-alone operation Figure 19 shows an example circuit for stand-alone op- eration of iC-MP. The device is in Fast Scanning Mode. If the device is also to be programmed, pins PSMI, SLI and VZAP should be connected to GND by a pull-down resistor (e.g. 2.2 kΩ). |