Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G11FW4 Fiches technique(PDF) 11 Page - Diodes Incorporated

No de pièce 74LVC1G11FW4
Description  SINGLE 3 INPUT POSITIVE AND GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G11FW4 Fiches technique(HTML) 11 Page - Diodes Incorporated

Back Button 74LVC1G11FW4 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G11FW4 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
74LVC1G11
SINGLE 3 INPUT POSITIVE AND GATE
74LVC1G11
Document number: DS35122 Rev. 1 - 2
11 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm) (Continued)
(2) Package Type: SOT363
C
L
C
L
0.10/0.30
0.65Bsc.
1.8/2.2
"A"
Detail"A"
Gauge Plane
0.25/0.40
C
L
C
L
C
L
6x-0.42
4x-0.65
0.40/0.45
Land Pattern Recommendation
(unit:mm)
PIN 1
(3) Package Type: DFN1010
Bottom View
Side View
6x-
0.05 C
0.08 C
C
Seating Plane
A
0.95/1.05
0.07Typ.
0.08 C
2x-
0.14/0.20(6x)
0.35Typ.
B
0.07
C AB
Pin1
Top View
Land Pattern Recommendation
(unit:mm)
Pin1
0.35Typ.
0.20(6x)
0.235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13