Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP142T Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TIP142T
Description  Complementary power Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP142T Fiches technique(HTML) 6 Page - STMicroelectronics

  TIP142T Datasheet HTML 1Page - STMicroelectronics TIP142T Datasheet HTML 2Page - STMicroelectronics TIP142T Datasheet HTML 3Page - STMicroelectronics TIP142T Datasheet HTML 4Page - STMicroelectronics TIP142T Datasheet HTML 5Page - STMicroelectronics TIP142T Datasheet HTML 6Page - STMicroelectronics TIP142T Datasheet HTML 7Page - STMicroelectronics TIP142T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
TIP142T, TIP147T
6/8
Doc ID 4135 Rev 5
TO-220 type A mechanical data
Dim
mm
Min
Typ
Max
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E10
10.40
e
2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L3028.90
∅P
3.75
3.85
Q
2.65
2.95
0015988_Rev_S



Html Pages

1 2 3 4 5 6 7 8