Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP142T Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce TIP142T
Description  Complementary power Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP142T Fiches technique(HTML) 5 Page - STMicroelectronics

  TIP142T_10 Datasheet HTML 1Page - STMicroelectronics TIP142T_10 Datasheet HTML 2Page - STMicroelectronics TIP142T_10 Datasheet HTML 3Page - STMicroelectronics TIP142T_10 Datasheet HTML 4Page - STMicroelectronics TIP142T_10 Datasheet HTML 5Page - STMicroelectronics TIP142T_10 Datasheet HTML 6Page - STMicroelectronics TIP142T_10 Datasheet HTML 7Page - STMicroelectronics TIP142T_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TIP142T, TIP147T
Package mechanical data
Doc ID 4135 Rev 5
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8