Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP42C Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce TIP42C
Description  Complementary power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP42C Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button TIP42C Datasheet HTML 4Page - STMicroelectronics TIP42C Datasheet HTML 5Page - STMicroelectronics TIP42C Datasheet HTML 6Page - STMicroelectronics TIP42C Datasheet HTML 7Page - STMicroelectronics TIP42C Datasheet HTML 8Page - STMicroelectronics TIP42C Datasheet HTML 9Page - STMicroelectronics TIP42C Datasheet HTML 10Page - STMicroelectronics TIP42C Datasheet HTML 11Page - STMicroelectronics TIP42C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TIP41C - TIP42C
Package mechanical data
9/12
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12