Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP41C Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TIP41C
Description  Complementary power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP41C Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TIP41C_07 Datasheet HTML 4Page - STMicroelectronics TIP41C_07 Datasheet HTML 5Page - STMicroelectronics TIP41C_07 Datasheet HTML 6Page - STMicroelectronics TIP41C_07 Datasheet HTML 7Page - STMicroelectronics TIP41C_07 Datasheet HTML 8Page - STMicroelectronics TIP41C_07 Datasheet HTML 9Page - STMicroelectronics TIP41C_07 Datasheet HTML 10Page - STMicroelectronics TIP41C_07 Datasheet HTML 11Page - STMicroelectronics TIP41C_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
TIP41C - TIP42C
10/12
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.49
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12