| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP35C Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP35C Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() September 2008 Rev 5 1/9 9 TIP35C TIP36C Complementary power transistors Features ■ Low collector-emitter saturation voltage ■ Complementary NPN - PNP transistors Applications ■ General purpose ■ Audio amplifier Description The devices are manufactured in planar technology with “base island” layout. The resulting transistors show exceptional high gain performance coupled with very low saturation voltage. . Figure 1. Internal schematic diagrams Table 1. Device summary TO-247 1 2 3 Order code Marking Package Packaging TIP35C TIP35C TO-247 Tube TIP36C TIP36C www.st.com |
Numéro de pièce similaire - TIP35C_08 |
|
Description similaire - TIP35C_08 |