Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWH13009 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STWH13009
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWH13009 Fiches technique(HTML) 7 Page - STMicroelectronics

  STWH13009 Datasheet HTML 1Page - STMicroelectronics STWH13009 Datasheet HTML 2Page - STMicroelectronics STWH13009 Datasheet HTML 3Page - STMicroelectronics STWH13009 Datasheet HTML 4Page - STMicroelectronics STWH13009 Datasheet HTML 5Page - STMicroelectronics STWH13009 Datasheet HTML 6Page - STMicroelectronics STWH13009 Datasheet HTML 7Page - STMicroelectronics STWH13009 Datasheet HTML 8Page - STMicroelectronics STWH13009 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STWH13009
Package mechanical data
7/9
Dim.
mm.
Min.
Typ
Max.
A4.85
5.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c0.40
0.80
D
19.85
20.15
E
15.45
15.75
e5.45
L
14.20
14.80
L1
3.70
4.30
L2
18.50
øP
3.55
3.65
øR
4.50
5.50
S5.50
TO-247 Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9