| Moteur de recherche de fiches techniques de composants électroniques |
|
OSMC57I12GP-R5XME1C1E Fiches technique(PDF) 1 Page - OptoSupply International |
|
|
|||||||||||||||||||||||||||||
OSMC57I12GP-R5XME1C1E Fiches technique(HTML) 1 Page - OptoSupply International |
|
1 / 3 page ![]() www.optosupply.com VER 1.0 1 12PCS Xeon 1 Power LED With aluminum base PCB Module Descriptions: 1 • Green light source, fast response • Long life, easy installation • LED model number: XXXME1C1E Features: 1 • Available in red, yellow, green, blue, white • Super bright • Big emitting angle • Superior ESD protection • Superior UV resistance, no IR radiation • Energy efficient, low power consumption • Unique heat sinking design leds high brightness performance Application: 1 • Small space lighting • Mechanical equipment lights • Edge - lighting of transparent or diffused materials • Path & contour marking • Architectural lighting, villa, restaurant, hotel, meeting room, shop, counter and so on • To couple light into transparent or diffused glass • Emergency/ rescue signs • Widespread use in accessorial lights for indoors, medical, landscape • Street lighting, architectural lighting, task lighting, general lighting Product Picture and Dimensions: Model No. OSMC57I12GP- XXXME1C1E REV. C5 |
Numéro de pièce similaire - OSMC57I12GP-R5XME1C1E |
|
Description similaire - OSMC57I12GP-R5XME1C1E |