Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST3DV520QTR Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ST3DV520QTR
Description  High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520QTR Fiches technique(HTML) 2 Page - STMicroelectronics

  ST3DV520QTR Datasheet HTML 1Page - STMicroelectronics ST3DV520QTR Datasheet HTML 2Page - STMicroelectronics ST3DV520QTR Datasheet HTML 3Page - STMicroelectronics ST3DV520QTR Datasheet HTML 4Page - STMicroelectronics ST3DV520QTR Datasheet HTML 5Page - STMicroelectronics ST3DV520QTR Datasheet HTML 6Page - STMicroelectronics ST3DV520QTR Datasheet HTML 7Page - STMicroelectronics ST3DV520QTR Datasheet HTML 8Page - STMicroelectronics ST3DV520QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin description
ST3DV520
2/10
1
Pin description
Figure 1.
Pin connection (top through view)
Table 2.
Pin description
Pin number
Symbol
Name and function
2, 3, 7, 8, 11, 12, 14, 15
A, B, C, D, E, F, G, H
8 bit bus
31, 32, 36, 37, 42, 43, 47, 48
A0, B0, C0, D0, E0, F0, G0, H0
8 bit multiplexed to bus 0
29, 30, 35, 40, 41, 45, 46
A1, B1, C1, D1, E1, F1, G1, H1
8 bit multiplexed to bus 1
17
SEL
Bus switch selection
5, 19, 20, 22, 23, 25, 26, 51,
52, 54
N/C
Not connected
4, 10, 18, 27, 38, 50, 56
VDD
Supply voltage
1, 6, 9, 13, 16, 21, 24, 28,
33, 39, 44, 49, 53, 55
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10