Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913ESY332 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce RHFL4913ESY332
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY332 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button RHFL4913ESY332 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Device description
Doc ID 10004 Rev 11
9/19
5.6
OCM pin
Goes low when current limiter starts to be active, otherwise VOCM = VI. It is bufferized and
can sink 10 mA. OCM pin is internally pulled-up by a 5 k
Ω resistor. Not available in 3 pin
packages.
5.7
Alternate to
RHFL4913 fixed (& custom) voltages replace all 3-terminal industry devices, providing
essential benefits
- Lower drop-out
- High radiation performance
- Better SVR
- Saving the high stability external setting resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com