Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913KP331 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 13Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 14Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 15Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 16Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 17Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 18Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Package mechanical data
Doc ID 10004 Rev 11
15/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
10.54
0.415
B
10.54
0.415
C
16.64
0.655
D
4.7
5.33
0.185
0.210
E
1.02
0.40
F
3.56
3.683.81
0.140
0.145
0.150
G13.51
0.532
H
5.26
0.207
I
0.76
0.030
J
3.05
0.120
K
2.54
0.100
L
15.2
16.5
0.598
0.650
M2.29
0.090
N
0.71
0.028
R
1.65
0.065
TO-257 mechanical data
0117268C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19