Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD84008TR-E Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce PD84008TR-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84008TR-E Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button PD84008TR-E Datasheet HTML 5Page - STMicroelectronics PD84008TR-E Datasheet HTML 6Page - STMicroelectronics PD84008TR-E Datasheet HTML 7Page - STMicroelectronics PD84008TR-E Datasheet HTML 8Page - STMicroelectronics PD84008TR-E Datasheet HTML 9Page - STMicroelectronics PD84008TR-E Datasheet HTML 10Page - STMicroelectronics PD84008TR-E Datasheet HTML 11Page - STMicroelectronics PD84008TR-E Datasheet HTML 12Page - STMicroelectronics PD84008TR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PD84008-E, PD84008S-E
Package mechanical data
9/15
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15