| Moteur de recherche de fiches techniques de composants électroniques |
|
MJD44H11T4 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MJD44H11T4 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() Absolute maximum ratings MJD44H11, MJD45H11 2/8 Doc ID 5470 Rev 3 1 Absolute maximum ratings Note: For PNP types voltage and current values are negative. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCEO Collector-emitter voltage (IB = 0) 80 V VEBO Emitter-base voltage (IC = 0) 5 V IC Collector current 8 A ICM Collector peak current 16 A PTOT Total dissipation at Tcase = 25°C 20 W TSTG Storage temperature -55 to 150 °C TJ Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case max 6.25 °C/W |