| Moteur de recherche de fiches techniques de composants électroniques |
|
IP117AHVR Fiches technique(PDF) 5 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP117AHVR Fiches technique(HTML) 5 Page - Seme LAB |
|
5 / 5 page ![]() POSITIVE ADJUSTABLE VOLTAGE REGULATOR Semelab Limited Semelab Limited Semelab Limited Semelab Limited Coventry Road, Lutterworth, Leicestershire, LE17 4JB Telephone +44 (0) 1455 556565 Fax +44 (0) 1455 552612 Email: sales@semelab-tt.com Website: http://www.semelab-tt.com Document Number 8376 Issue 1 Page 5 of 5 MECHANICAL DATA Dimensions in mm (inches) TO66 (TO-213AA) Pin 1 = ADJ. Pin 2 = VIN Case = VOUT 3.68 (0.145) rad. max. 3.61 (0.142) 4.08(0.161) rad. 1.27 (0.050) 1.91 (0.750) 9.14 (0.360) min. 4.83 (0.190) 5.33 (0.210) 6.35 (0.250) 8.64 (0.340) 1 2 |