| Moteur de recherche de fiches techniques de composants électroniques |
|
IP2990 Fiches technique(PDF) 5 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP2990 Fiches technique(HTML) 5 Page - Seme LAB |
|
5 / 5 page ![]() Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Document Number 6160 Issue 1 Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. Pin 1 – ADJ Pin 2 – VOUT Pin 3 – VIN Ceramic Surface Mount –SMD05 (TO-276AA) 2 1 3 2.41 (0.095) (0.030) min. 0.127 (0.005) (0.296) 3.175 (0.125) Max. 0.50 (0.020) max. 7.54 0.76 2.41 (0.095) 0.127 (0.005) (0.286) 7.26 16 PLCS 0.50(0.020) 0.127 (0.005) Pins 4,5 – Adjust Pins 6,7,8,9,10,11,12,13 – VIN Pin 15,16,17,18,1,2 – VOUT E Package - CERAMIC SURFACE MOUNT 1.39 (0.055) 1.15 (0.045) 0.76 (0.030) 0.51 (0.020) 1.39 (0.055) 1.02 (0.040) 15 16 13 12 14 3 4 5 6 7 17 18 1 2 11 10 8 9 9.14 (0.360) 8.64 (0.340) 1.27 (0.050) 1.07 (0.040) ≈ 2.16 (0.085) 7.62 (0.300) 7.12 (0.280) 1.65 (0.065) 1.40 (0.055) 0.33 (0.013) 0.08 (0.003) 0.43 (0.017) 0.18 (0.007 Rad. Rad. IP2990 Pin 1 – ADJ Pin 2 – VOUT Pin 3 – VIN Ceramic Surface Mount –SMD1 (TO-276AB) 3.60 (0.142) Max. 3.70 (0.146) 3.41 (0.134) 3.70 (0.146) 3.41 (0.134) 0.89 (0.035) min. 9.67 (0.381) 9.38 (0.369) 11.58 (0.456) 11.28 (0.444) 0.50 (0.020) 0.26 (0.010) 13 2 Pin 1 – ADJ Pin 2 – VOUT Pin 3 – VIN LCC20 (Z) Package –Ceramic Surface Mount 1 . 9 1 ( . 0 7 5 ) 1 . 6 0 ( . 0 6 3 ) 1 3 2 0 8 . 8 9 ( . 3 5 0 ) S Q 4 8 1 1 8 1 4 9 5 . 0 8 ( . 2 0 0 ) 1 . 9 1 ( . 0 7 5 ) 1 R E F 1 . 2 7 ( . 0 5 0 ) 1 . 2 7 ( . 0 5 0 ) 0 . 6 4 ( . 0 2 5 ) R E F 2 . 1 6 ( . 0 8 5 ) R E F P I N 1 I N D E X 5 . 0 8 ( . 2 0 0 ) Pin 1 – ADJ Pin 2 – VOUT Pin 3 – VIN LCC28 (Y) Package –Ceramic Surface Mount 1 0.64(.025) REF 2.16(.085) PIN 1 INDEX 7.62(.300) 1.27(.050) REF 7.62(.300) 1.91(.075) REF 1.27(.050) 1.91(.075) 1.60(.063) |