| Moteur de recherche de fiches techniques de composants électroniques |
|
D45H11 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
D45H11 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() October 2009 Doc ID 4213 Rev 5 1/8 8 D44H8 - D44H11 D45H8 - D45H11 Complementary power transistors Features ■ Low collector-emitter saturation voltage ■ Fast switching speed Applications ■ Power amplifier ■ Switching circuits Description The devices are manufactured in low voltage multi epitaxial planar technology. They are intended for general purpose linear and switching applications. . Figure 1. Internal schematic diagram TO-220 1 2 3 TAB Table 1. Device summary Order codes Marking Polarity Package Packaging D44H8 D44H8 NPN TO-220 Tube D44H11 D44H11 NPN TO-220 Tube D45H8 D45H8 PNP TO-220 Tube D45H11 D45H11 PNP TO-220 Tube www.st.com |
Numéro de pièce similaire - D45H11 |
|
Description similaire - D45H11 |