Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUX98A Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce BUX98A
Description  High power NPN transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX98A Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button BUX98A Datasheet HTML 3Page - STMicroelectronics BUX98A Datasheet HTML 4Page - STMicroelectronics BUX98A Datasheet HTML 5Page - STMicroelectronics BUX98A Datasheet HTML 6Page - STMicroelectronics BUX98A Datasheet HTML 7Page - STMicroelectronics BUX98A Datasheet HTML 8Page - STMicroelectronics BUX98A Datasheet HTML 9Page - STMicroelectronics BUX98A Datasheet HTML 10Page - STMicroelectronics BUX98A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
BUX98A
8/11
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11