Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STF2360 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2STF2360
Description  Low voltage fast-switching PNP power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STF2360 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button 2STF2360 Datasheet HTML 2Page - STMicroelectronics 2STF2360 Datasheet HTML 3Page - STMicroelectronics 2STF2360 Datasheet HTML 4Page - STMicroelectronics 2STF2360 Datasheet HTML 5Page - STMicroelectronics 2STF2360 Datasheet HTML 6Page - STMicroelectronics 2STF2360 Datasheet HTML 7Page - STMicroelectronics 2STF2360 Datasheet HTML 8Page - STMicroelectronics 2STF2360 Datasheet HTML 9Page - STMicroelectronics 2STF2360 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package mechanical data
2STD2360, 2STF2360, 2STN2360
6/11
Doc ID 13309 Rev 5
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11