Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N6299SMD Fiches technique(PDF) 1 Page - Seme LAB

No de pièce 2N6299SMD
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6299SMD Fiches technique(HTML) 1 Page - Seme LAB

  2N6299SMD Datasheet HTML 1Page - Seme LAB 2N6299SMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number 2660
Issue 2
2N6299SMD
2N6299SMD05
2N6301SMD
2N6301SMD05
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VCEO
Collector – Emitter Voltage
VCBO
Collector – Base Voltage
VEBO
Emitter – Base Voltage
IC
Continuous Collector Current
Peak
IB
Base Current
PD
Total Dissipation @ TC = 25°C
Derate above 25°C
TSTG , TJ
Operating and Storage Junction Temperature Range
80V
80V
5V
8A
16A
120mA
75W
0.428W/°C
–65 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
COMPLEMENTARY SILICON
POWER TRANSISTORS
Designed for general purpose
amplifier and low frequency
switching applications.
ABSOLUTE MAXIMUM RATINGS(Tcase = 25°C unless otherwise stated)
FEATURES
• High DC Current Gain
• Monolithic Construction with Built-in
Base–Emitter Shunt Resistors
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020)
0. 26 ( 0. 010)
13
2
SMD1 (TO-276AB)
Pad 1 – Base
Pad 2 – Collector
Pad 3 – Emitter
SMD05 (TO-276AA)
Pad 1 – Base
Pad 2 – Collector
Pad 3 – Emitter
2N6299SMD - PNP TRANSISTOR
2N6301SMD - NPN TRANSISTOR

!
0 . 1 27 ( 0 . 005)
2 . 41 ( 0 . 0 95)
(0 . 0 3 0 )
mi n .
0 . 1 27 ( 0 . 005)
( 0 .2 9 6 )
3. 175 ( 0 . 125)
Ma x .
0. 50 ( 0. 020)
0. 26 ( 0. 010)
7. 54
0. 76
2 . 41 ( 0 . 0 95)
0 . 1 27 ( 0 . 005)
( 0. 286)
7. 26
16 P LC S
0 . 5 0( 0. 020)


Numéro de pièce similaire - 2N6299SMD

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N6299 MOSPEC-2N6299 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
logo
Boca Semiconductor Corp...
2N6299 BOCA-2N6299 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6299 MICROSEMI-2N6299 Datasheet
65Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6299 CENTRAL-2N6299 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6299 SAVANTIC-2N6299 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
More results

Description similaire - 2N6299SMD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
MJE270G ONSEMI-MJE270G Datasheet
89Kb / 3P
Complementary Silicon Power Transistors
December, 2013 ??Rev. 8
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com