| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6071 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6071 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 40 page ![]() © 2010 Microchip Technology Inc. DS22142B-page 21 MCP6071/2/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead SOIC (150 mil) (MCP6071, MCP6072) Example: XXXXXXXX XXXXYYWW NNN MCP6071E SN^^ 1044 256 3 e Example: AHE 044 25 8-Lead 2x3 TDFN (MCP6071, MCP6072) XXX YWW NN 5-Lead SOT-23 (MCP6071) XXNN Example: YH25 |