| Moteur de recherche de fiches techniques de composants électroniques |
|
P89LPC9331HDH Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC9331HDH Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 94 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Table 4. Special function registers - P89LPC9331/9341 * indicates SFRs that are bit addressable. Name Description SFR addr. Bit functions and addresses Reset value MSB LSB Hex Binary Bit address E7 E6 E5 E4 E3 E2 E1 E0 ACC* Accumulator E0H 00 0000 0000 ADCON0 A/D control register 0 8EH ENBI0 ENADCI0 TMM0 EDGE0 ADCI0 ENADC0 ADCS01 ADCS00 00 0000 0000 ADCON1 A/D control register 1 97H ENBI1 ENADCI1 TMM1 EDGE1 ADCI1 ENADC1 ADCS11 ADCS10 00 0000 0000 ADINS A/D input select A3H ADI13 ADI12 ADI11 ADI10 ADI03 ADI02 ADI01 ADI00 00 0000 0000 ADMODA A/D mode register A C0H BNDI1 BURST1 SCC1 SCAN1 BNDI0 BURST0 SCC0 SCAN0 00 0000 0000 ADMODB A/D mode register B A1H CLK2 CLK1 CLK0 INBND0 ENDAC1 ENDAC0 BSA1 BSA0 00 000x 0000 AD0BH A/D_0 boundary high register BBH FF 1111 1111 AD0BL A/D_0 boundary low register A6H 00 0000 0000 AD0DAT0 A/D_0 data register 0 C5H 00 0000 0000 AD0DAT1 A/D_0 data register 1 C6H 00 0000 0000 AD0DAT2 A/D_0 data register 2 C7H 00 0000 0000 AD0DAT3 A/D_0 data register 3 F4H 00 0000 0000 AD1BH A/D_1 boundary high register C4H FF 1111 1111 AD1BL A/D_1 boundary low register BCH 00 0000 0000 |